PART |
Description |
Maker |
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
STB8NC50 |
N-CHANNEL 500V 0.7 OHM 8A D2PAK POWERMESH II MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMeshII MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF830B IRFS830B IRFS830BT |
500V N-Channel MOSFET 500V N-Channel B-FET / Substitute of IRFS830 & IRFS830A
|
FAIRCHILD[Fairchild Semiconductor]
|
STB10NB50 6520 |
From old datasheet system N - CHANNEL 500V - 0.55 - 10.6A - D 2 PAK PowerMESH TM MOSFET N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFB11N50 IRFB11N50APBF |
Power MOSFET(Vdss=500V/ Rds(on)max=0.52ohm/ Id=11A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
STP5NC50 STP5NC50FP STB5NC50 STB5NC50-1 |
N-CHANNEL 500V - 1.3 OHM - 5.5A - TO-220/TO-220FP/D2PAK/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP8NM50FP STP8NM50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?Power MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh⑩Power MOSFET N沟道500V - 0.7ohm - ⑩第8A TO-220/TO-220FP的MDmesh功率MOSFET N - CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
FDPF12N50 FDP12N50 |
N-Channel MOSFET 500V, 11.5A, 0.65Ω N-Channel MOSFET 500V, 11.5A, 0.65ヘ
|
Fairchild Semiconductor
|
IRFI460 IRFI460-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=500V/ Rds(on)=0.27ohm/ Id=21A) TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A) 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|